PART |
Description |
Maker |
RC10S10G RC10S01G RC10S04G RC10S06G RC10S08G RC10S |
SILICON GPP CELL RECTIFIER VOLTAGE: 100 TO 1000V CURRENT: 10A SILICON GPP CELL RECTIFIER 硅玻璃钝化整流细
|
SSE[Shanghai Sunrise Electronics] Shanghai Sunrise Electronics Co., LTD.
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
SC10-01 SC10-04 SC10-10 SC10-02 SC10-06 SC10-005 S |
1A SILICON RECTIFIER CELL
|
Frontier Electronics.
|
EGP20A08 EGP20F-TP |
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts DIODE GPP 2A 300V HI EFF DO15 2 A, 300 V, SILICON, RECTIFIER DIODE, DO-15
|
http:// Micro Commercial Components, Corp.
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
SB3045CT |
GPP-TO Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
|
Gulf Semiconductor
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
BYV118F BYV118F-35 BYV118F-40 BYV118F-45 BYV118X B |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 10 A, 40 V, SILICON, RECTIFIER DIODE DB-25 MALE CONN KIT CRIMP 10 A, 40 V, SILICON, RECTIFIER DIODE CRIMP SHELLS DB25 MALE 10 A, 35 V, SILICON, RECTIFIER DIODE Rectifier diodes Schottky barrier 10 A, 35 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CPR2-040TRLEADFREE CPR2-010TRLEADFREE CPR2-120TRLE |
2 A, 400 V, SILICON, RECTIFIER DIODE 2 A, 100 V, SILICON, RECTIFIER DIODE 2 A, 1200 V, SILICON, RECTIFIER DIODE 2 A, 200 V, SILICON, RECTIFIER DIODE 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
|